Part Number Hot Search : 
MV5283 EC3AB11 00020 NMA2513 1N977 5KP110A 2SK1308 120CA
Product Description
Full Text Search
 

To Download BZX55C2V0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BZX55C2V0 ~ BZX55C100
VZ : 2.0 - 100 Volts PD : 500 mW
SILICON ZENER DIODES
DO - 35
0.079(2.0 )max. 1.00 (25.4) min.
FEATURES :
* Complete 2.0 to 100 Volts * High surge current capability * High peak reverse power dissipation * High reliability * Low leakage current * Pb / RoHS Free
0.150 (3.8) max.
0.020 (0.52)max.
1.00 (25.4) min.
Dimensions in inches and ( millimeters )
MECHANICAL DATA
* Case : Molded glass * Lead : Axial lead solderable per MIL-STD-202, method 208 guaranteed * Polarity : Color band denotes cathode end. When operated in zener mode, cathode will be positive with respect to anode * Mounting position : Any * Weight : 0.13 gram (approx.)
MAXIMUM RATINGS
Rating at 25 C ambient temperature unless otherwise specified
Rating
Power Dissipation (Note1) Maximum Forward Voltage at IF =100 mA Maximum Thermal Resistance Junction to Ambient Air (Note1) Junction Temperature Range Storage Temperature Range
Symbol
PD VF RJA Tj Ts
Value
500 1.0 300 - 65 to + 200 - 65 to + 200
Unit
mW V C/W C C
Note : (1) Valid provided that leads at a distance of 3/8" from case are kept at ambient temperature.
Page 1 of 2
Rev. 05 : June 25, 2005
ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified
Zener Voltage Type Number
BZX55C2V0 BZX55C2V2 BZX55C2V4 BZX55C2V7 BZX55C3V0 BZX55C3V3 BZX55C3V6 BZX55C3V9 BZX55C4V3 BZX55C4V7 BZX55C5V1 BZX55C5V6 BZX55C6V2 BZX55C6V8 BZX55C7V5 BZX55C8V2 BZX55C9V1 BZX55C10 BZX55C11 BZX55C12 BZX55C13 BZX55C14 BZX55C15 BZX55C16 BZX55C18 BZX55C20 BZX55C22 BZX55C24 BZX55C27 BZX55C30 BZX55C33 BZX55C36 BZX55C39 BZX55C43 BZX55C47 BZX55C51 BZX55C56 BZX55C62 BZX55C68 BZX55C75 BZX55C82 BZX55C91 BZX55C100
Maximum Zener Impedance IZT ZZT @ IZT ZZk @ IZK (mA) () ()
5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 1.0 1.0 85 85 85 85 85 85 85 85 75 60 35 25 10 8 7 7 10 15 20 20 26 28 30 40 50 55 55 80 80 80 80 80 90 90 110 125 135 150 200 250 300 450 450 600 600 600 600 600 600 600 600 600 600 550 450 200 150 50 50 50 70 70 90 110 110 110 170 170 220 220 220 220 220 220 220 500 500 600 700 700 1000 1000 1000 1500 2000 5000
Maximum Reverse Leakage Current, IR IZK (mA)
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.25 0.1 0.1
Ta=25C Ta=150C
Temp. coefficient Admissible of Zener Voltage TKVZ (% / K)
-0.09...-0.06 -0.09...-0.06 -0.09...-0.06 -0.09...-0.06 -0.08...-0.05 -0.08...-0.05 -0.08...-0.05 -0.08...-0.05 -0.06...-0.03 -0.05...+0.02 -0.02...+0.02 -0.05...+0.05 0.03...0.06 0.03...0.07 0.03...0.07 0.03...0.08 0.03...0.09 0.03...0.10 0.03...0.11 0.03...0.11 0.03...0.11 0.03...0.11 0.03...0.11 0.03...0.11 0.03...0.11 0.03...0.11 0.04...0.12 0.04...0.12 0.04...0.12 0.04...0.12 0.04...0.12 0.04...0.12 0.04...0.12 0.04...0.12 0.04...0.12 0.04...0.12 typ. 0.1(4) typ. 0.1(4) typ. 0.1(4) typ. 0.1(4) typ. 0.1(4) typ. 0.1(4) typ. 0.1(4)
VZ @ IZT Nom (V)
2.0 2.2 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 14 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100
1)
Zener Current(2) IZM (mA)
175 160 145 135 125 115 105 95 90 85 80 70 64 58 53 47 43 40 36 32 29 28 27 24 21 20 18 16 14 13 12 11 10 9.2 8.5 7.8 7.0 6.4 5.9 5.3 4.8 4.4 4.0
Min (V)
1.9
2)
Max (V)
2.1
2)
(A)
100 50 50 10 4.0 2.0 2.0 2.0 1.0 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
(A)
200 100 100 50 40 40 40 40 20 10 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 5.0 5.0 5.0 10 10 10 10 10 10 10 10
at VR (V)
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 3.0 5.0 6.2 6.8 7.5 8.2 9.1 10.0 10.5 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75
2.08 2.28 2.5 2.8 3.1 3.4 3.7 4.0 4.4 4.8 5.2 5.8 6.4 7.0 7.7 8.5 9.4 10.4 11.4 12.4 13.1 13.8 15.3 16.8 18.8 20.8 22.8 25.1 28 31 34 37 40 44 48 52 58 64 70 77 85 94
2.41 2.56 2.9 3.2 3.5 3.8 4.1 4.6 5.0 5.4 6.0 6.6 7.2 7.9 8.7 9.6 10.6 11.6 12.7 14.1 15.0 15.6 17.1 19.1 21.2 23.3 25.6 28.9 32 35 38 41 46 50 54 60 66 72 79 87 96 106
Notes: 1) Tested with pulses tp = 20 ms 2) Valid Provided that leads are kept at ambient temperature at a distance of 8 mm from case 3) For 2% tolerance altered the sixth letter of type from "C" to be "B" (4) at Iz = 2.5 mA
Page 2 of 2
Rev. 05 : June 25, 2005


▲Up To Search▲   

 
Price & Availability of BZX55C2V0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X